Part Number Hot Search : 
MJE711 XE056LCC DTM4410 BZQ5222B D013T NCASC1 MT7201 71M2D3XA
Product Description
Full Text Search
 

To Download R30R160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Next
Previous
Resettable PTCs
Radial Leaded PTC
30R Series
(R)
(R)
* The 30R Series Resettable devices utilize a unique polymer-based, Positive Temperature Coefficient (PTC) material to protect electrical circuits against overcurrent conditions. * In normal operation, the 30R Series PTC has many conductive paths and a very low resistance. In an overcurrent condition, the temperature of the polymer material rises. This dramatically reduces the conductive paths resulting in an immediate rise in resistance. In this condition, the device provides circuit protection by significantly limiting the flow of current. However, once the cause of the initial overcurrent condition is eliminated, the 30R Series PTC cools down and resets to a low resistance value permitting the normal current flow to resume. * The 30R Series is a 30V Radial Leaded Device with a 40A Short Circuit Rating.
Standard reel quantities:
Part Number R30R090 R30R110 R30R135 R30R160 R30R185 R30R250 Reel Quantity Part Number R30R300 R30R400 30R500 30R600 30R700 30R800 30R900 Reel Quantity 1500 Bulk Only 500 Per Container
3000
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratory and the Component Acceptance Program of CSA. TUV approved.
ENVIRONMENTAL SPECIFICATIONS: Passive Aging: 85C, 1000 Hours. 5% typical resistance change. Humidity Aging: 85C, 85% R.H., 1000 hours. 5% typical
resistance change.
Thermal Shock: 85C / -40C, 20 times. 10% typical
resistance change. Vibration: MIL-STD 202, Method 201. No resistance change. Mechanical Shock: MIL-STD-202, Method 213 test condition I (100 g's, 6 sec.). No resistance change. Max. Surface Temperature: 125C Operating/Storage Temperature: -40C to 85C Rerating Curve for 30R Series
200 Percentage of Rated Current
AGENCY FILE NUMBERS: UL E183209, CSA LR 108832 PHYSICAL SPECIFICATIONS: Materials: Leads
30R090-250: Tin plated copper-clad steel, 24 AWG (0.020" Dia.) 30R300-900: Tin plated copper, 20 AWG (0.032" Dia.)
Lead Solderability: MIL-STD-202, Method 208E Coating: Thermoset Coating Device Labeling: Device is marked with the letter `L', amperage rating,
voltage rating & date code.
Packaging: Standard bulk packaging is 500 pieces per container.
Optional tape and reel packaging per EIA 486-B is also available.
150
100
50
0 -40 -30 -20 -10 0 10 20 30 40 Temperature (C) 50 60 70 80 90
252
w w w. l i t t e l f u s e . c o m
Next
Previous
Resettable PTCs
Radial Leaded PTC
30R Series
Dimensions (Inches)
A E A E
1000
MARKING
Average Time Current Curves
.900A 1.10A 1.35A 1.60A 1.85A 2.50A 3.00A 4.00A 5.00A 6.00A 7.00A 8.00A 9.00A 100 TIME IN SECONDS 10 1
B
MARKING
B
D D C C
Note: Stand-offs only used for 30R090-30R250 Part Number 30R090 30R110 30R135 30R160 30R185 30R250 30R300 30R400 30R500 30R600 30R700 30R800 30R900 `A' (Max.) 6.60 (0.26) 6.60 (0.26) 8.89 (0.35) 8.89 (0.35) 10.16 (0.40) 11.43 (0.45) 11.43 (0.45) 13.97 (0.55) 13.97 (0.55) 16.51 (0.65) 19.05 (0.75) 21.59 (0.85) 24.13 (0.95) `B' (Max.) 12.19 (0.48) 14.22 (0.56) 13.46 (0.53) 15.42 (0.60) 15.75 (0.62) 18.29 (0.72) 7.27 (0.68) 20.07 (0.79) 24.89 (0.98) 24.89 (0.98) 26.67 (1.05) 29.21 (1.15) 29.72 (1.17) `C' (Typ.) 5.08 (0.20) 5.08 (0.20) 5.08 (0.20) 5.08 (0.20) 5.08 (0.20) 5.08 (0.20) 5.08 (0.20) 5.08 (0.20) 10.16 (0.40) 10.16 (0.40) 10.16 (0.40) 10.16 (0.40) 10.16 (0.40)
0.1
6
RESETTABLE PTCs
0.01 0.05 0.1
1
10 CURRENT IN AMPERES
100
500
Dimension `D' is 7.62 (0.30") Minimum Dimension `E' is 3.05 (0.12") Maximum ORDERING INFORMATION: Maximum Time To Trip Part Ihold Itrip Vmax Imax Pd max. Current Time Number (A) (A) (Vdc) (A) (W) (A) (Sec) 30R090 0.90 1.80 30 40 0.6 4.50 5.9 30R110 1.10 2.20 30 40 0.7 5.50 6.6 30R135 1.35 2.70 30 40 0.8 6.75 7.3 30R160 1.60 3.20 30 40 0.9 8.00 8.0 30R185 1.85 3.70 30 40 1.0 9.25 8.7 30R250 2.50 5.00 30 40 1.2 12.5 10.3 30R300 3.00 6.00 30 40 2.0 15.0 10.8 30R400 4.00 8.00 30 40 2.5 20.0 12.7 30R500 5.00 10.00 30 40 3.0 25.0 14.5 30R600 6.00 12.00 30 40 3.5 30.0 16.0 30R700 7.00 14.00 30 40 3.8 35.0 17.5 30R800 8.00 16.00 30 40 4.0 40.0 18.8 30R900 9.00 18.00 30 40 4.2 40.0 20.0 Ihold = Hold Current: maximum current device will sustain for 4 hours without tripping in 20C still air. Itrip = Trip Current: minimum current at which the device will trip in 20C still air. Vmax = Maximum voltage device can withstand without damage at rated current (Imax) Imax = Maximum fault current device can withstand without damage at rated voltage (Vmax) Pd = Power dissipated from device when in the tripped state at 20C still air. RIL = Minimum resistance of device in initial (un-soldered) state. RAT = Maximum resistance of device at 20C measured one hour after tripping. CAUTION: Operation beyond the specified ratings may result in damage and possible arcing and flame. Resistance RIL (W) 0.070 0.050 0.040 0.030 0.030 0.020 0.020 0.010 0.010 0.005 0.005 0.005 0.005 RAT (W) 0.22 0.17 0.13 0.11 0.09 0.07 0.08 0.05 0.05 0.04 0.03 0.02 0.02
w w w. l i t t e l f u s e . c o m
253


▲Up To Search▲   

 
Price & Availability of R30R160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X